|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
TS2G/4GMP320 Description TS2G/4GMP320 is a 2GB/4GB USB Flash Drive with 1 pcs of 2Gx8/4Gx8 Flash Memory assembled on the printed circuit board. It combines a USB Flash Drive with an MP3 player, AB repeater, voice recorder and an FM radio. Features MP3 Player - supports MP3, WMA, WMA-DRM10 (subscription music) and WAV music formats FM Radio (FM Radio recording and the ability to preset 20 FM radio stations) Advanced Digital Voice Recorder Karaoke-style lyrics display Outline A Brilliant, dual-color 4-Line OLED Display produces vibrant clear text easily viewed at any angle and in any light VAD (Voice Activity Detection) for high quality gapless audio recordings B A-B repeat function allows you to continuously replay a designated section of a track Variable track playback speeds Supports 13 languages including song title, artist name and lyrics display USB flash drive capabilities for data transfer and storage C Dimensions Side Millimeters Included software can be used to lock your computer and password-protect your files 7 Equalizer effects, including a customizable USER EQ setting Powered using a rechargeable Li-ion battery (fully charged battery supports over 15 hours of continuous operation)* A B C 85.50 25.50 13.00 0.20 0.20 0.20 Hi-Speed USB 2.0 connector for easy computer connectivity and fast file transfers Real Time Clock (RTC) displays local and world times * Max. playback time achieved with screen saver set to "Blank" and "Lyrics Sync" disabled. Block Diagram With 1 pcs of 2G/4G x8 Flash Memory Pinouts Pin No. 01 02 03 04 05 Pin Name VCC USBUSB+ VSS GND Pin Identification Symbol USB+ USBVCC VSS GND Function USB differential signal: The pairs are used to transmit Data/Address/Command USB Power Input Ground Ground Specifications Size (L x W x H): Weight: Music Formats: Recording Format: Estimated Battery Life: Compression Rates: Data Retention: Erase Cycles: Signal-to-Noise Ratio: Power Supply Certificates: Warranty: 85.5 mm x 25.5 mm x 13 mm 29g (with Li-ion battery) MP3 WMA and WMA-DRM10 (Subscription music) ADPCM (WAV) 15 hours Music playback (fully charged battery) 32Kbps to 320Kbps Up to 10 years 100,000 times 90dB USB mass storage: DC5V 10% MP3 Player: 3.7V Li-ion battery CE, FCC, BSMI 2-years |
Price & Availability of TS24MP320 |